PART |
Description |
Maker |
SGW10N60RUF |
FEEDTHRU CAPACITOR, 220PF 0.5A 100VFEEDTHRU CAPACITOR, 220PF 0.5A 100V; Capacitance:0.22nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Short Circuit Rated IGBT
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
W3F45C2218AT1F W3F45C4718AT1F W3F41A4708AT1A |
Ceramic Multilayer Capacitor; Capacitance:220pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes 1 FUNCTIONS, 50 V, 0.3 A, FEED THROUGH CAPACITOR FEEDTHRU CAP ARRAY, 47PF 100VFEEDTHRU CAP ARRAY, 47PF 100V; Capacitance:47pF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op.
|
AVX, Corp. AVX CORP
|
GCM155R72A221K |
Chip Monolithic Ceramic Capacitor 0402 X7R 220pF 100V
|
Murata Manufacturing Co., Ltd.
|
CMHZ4099 CMHZ4107 CMHZ4100 CMHZ4101 CMHZ4102 CMHZ4 |
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW/ 5% TOLERANCE LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE CAP-ARRAY 0.1UF 16V 10% X7R 4-ELEMENT SMD-0612 SN100 TR-7-PL Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:100V; Dielectric Characteristic:C0G/NP0; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes; Features:Feedthru CAP 1000PF 50V 50-20% X7R SMD-1206 SN100 TR-7-PL FEED-THRU Ceramic Multilayer Capacitor; Capacitance:10000pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Features:Feedthru; Leaded Process Compatible:Yes CAP 0.022UF 50V 50-20% X7R SMD-1206 SN100 TR-7-PL FEED-THRU Ceramic Multilayer Capacitor; Capacitance:4700pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Features:Feedthru; Leaded Process Compatible:Yes surface mount silicon Zener diodes 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
222233840683 222233840684 222233840685 22223384168 |
CAPACITOR 68NF 300V CAPACITOR 680NF 300V CAPACITOR 6.8UF 300V Low-Power MicroMonitor Chip CAPACITOR 470NF 300V CAPACITOR 1.0UF 300V Power Monitor CAPACITOR 15NF 300V CAPACITOR 1.5UF 300V CAPACITOR 22NF 300V CAPACITOR 220NF 300V CAPACITOR 33NF 300V CAPACITOR 330NF 300V CAPACITOR 3.3UF 300V CAPACITOR 100NF 300V CAPACITOR 2.2UF 300V CAPACITOR 10NF 300V 256k Nonvolatile SRAM 电容3NF 300V
|
Vishay Intertechnology, Inc.
|
50L-001 |
FEEDTHRU TERMINATION
|
JFW Industries, Inc.
|
W2H11A2218AT W3H15C1038AT W2H15C1038AT W2H11A1018A |
High Current Feedthru Capacitors
|
AVX Corporation
|
XXX-130-XX-XX-XX |
TABULATED OUTLINE, WRD W/G BULKHEAD FEEDTHRU
|
Advanced Technical Materials Inc.
|
0526035410M 0526050310M 0290016422MH10-R 052601042 |
CAPACITOR 100UF 35V CAPACITOR 10UF 50V CAPACITOR 220UF 16V CAPACITOR 220UF 10V CAPACITOR 330UF 10V 10V的电330UF CAPACITOR 47UF 35V 电容47UF 35V
|
Sanyo Electric Co., Ltd. Atmel, Corp.
|
DC321A103KA5210 DC321A103JA5510 DC261E682ZA5106 DC |
1 FUNCTIONS, 100 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 400 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 160 V, FEED THROUGH CAPACITOR 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
AVX CORP
|
M34282M2-064GP |
Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:68000uF RoHS Compliant: Yes
|
Mitsubishi Electric Corporation
|
CECWP2G272M2-L22 CECWP2G392M3-L22 CECWP2G102M1-L22 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1000 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 330 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1800 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 560 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 470 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 390 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT
|
Nippon Chemi-con, Corp.
|
|